Part Number Hot Search : 
2E8UM T45DB F883APMC 2SK161 2SC5564 HY5DU5 CC411299 E28F004
Product Description
Full Text Search
 

To Download 2N4126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N4126 / MMBT4126
Discrete POWER & Signal Technologies
2N4126
MMBT4126
C
E C BE
TO-92 SOT-23
Mark: ZF
B
PNP General Purpose Amplifier
This device is designed for general purpose amplifier and switching applications at collector currents to 10 A as a switch and to 100 mA as an amplifier. Sourced from Process 66. See 2N3906 for characteristics.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
25 25 4.0 200 -55 to +150
Units
V V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA= 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient 2N4126 625 5.0 83.3 200
Max
*MMBT4126 350 2.8 357
Units
mW mW/C C/W C/W
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
(c) 1997 Fairchild Semiconductor Corporation
2N4126 / MMBT4126
PNP General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current IC = 1.0 mA, IB = 0 IC = 10 A, I E = 0 IC = 10 A, I C = 0 VCB = 20 V, IE = 0 VEB = 3.0 V, IC = 0 25 25 4.0 50 50 V V V nA nA
ON CHARACTERISTICS*
hFE VCE(sat) VBE(sat) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage IC = 2.0 mA, VCE = 1.0 V IC = 50 mA, VCE = 1.0 V IC = 50 mA, IB = 5.0 mA IC = 50 mA, IB = 5.0 mA 120 60 360 0.4 0.95 V V
SMALL SIGNAL CHARACTERISTICS
fT Cibo Ccb hfe NF Current Gain - Bandwidth Product Input Capacitance Collector-Base Capcitance Small-Signal Current Gain Noise Figure IC = 10 mA, VCE = 20 V, f = 100 MHz VEB = 0.5 V, IC = 0, f = 1.0 MHz VCB = 5.0 V, IE = 0, f = 100 kHz IC = 2.0 mA, VCE = 10 V, f = 1.0 kHz IC = 100 A, VCE = 5.0 V, RS=1.0 k, f=10 Hz to 15.7 kHz 250 10 4.5 120 480 4.0 dB MHz pF pF
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%


▲Up To Search▲   

 
Price & Availability of 2N4126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X